PART |
Description |
Maker |
LTC1605ACSW LTC1605ACG LTC1605AISW LTC1605IG LTC16 |
16-Bit/ 100ksps/ Sampling ADC 8-Bit, 45.5 kSPS ADC Serial Out, Low Power, Compatible to TLC540/545/1540, Single Ch. 8-SOIC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 16-Bit, 100ksps, Sampling ADC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX166 MAX166ACPP MAX166ACWP MAX166AEPP MAX166AEWP |
CMOS μP-Compatible, 5μs, 8-Bit ADCs CMOS microprocessor-compatible, 5 microsec, 8-bit ADC. Error -1 LSB. Plug-in upgrade to the MX7575. CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP18 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO20 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP20 CMOS P-Compatible, 5レs, 8-Bit ADCs CMOS P-Compatible / 5s / 8-Bit ADCs CMOS ??-Compatible, 5??, 8-Bit ADCs CMOS P-Compatible 5s 8-Bit ADCs CMOS P-Compatible, 5s, 8-Bit ADCs
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1272-5ACN LTC1272-8CMJ/883B LTC1272-8ACJ |
12-Bit, 3µs, 250kHz Sampling A/D Converter; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
SPT7734 SPT7734SCS SPT7734SCT |
8-BIT / 40 MSPS / 175 mW A/D CONVERTER 8-BIT, 40 MSPS,175 mW A/D CONVERTER 8位,40 MSPS的,175毫瓦的A / D转换 8-BIT, 40 MSPS,175 mW A/D CONVERTER 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 8-BIT, 40 MSPS,175 mW A/D CONVERTER 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQFP32 From old datasheet system 8-bit, 4 MSPS, 175mW ADC
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AD7863 AD7863AR-10 AD7863AR-2 AD7863AR-3 AD7863ARS |
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 RECTIFIER FAST-RECOVERY SINGLE 1A 600V 30A-ifsm 1.7V-vf 75ns 5uA-ir DO-41 1K/BULK 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 50ns 5uA-ir DO-41 1K/BULK 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 Simultaneous Sampling Dual 175kSPS 14-Bit ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
MCP3021 MCP3021A7T-E_OT MCP3021A0T-E_OT MCP3021A1T |
The Microchip Technology Inc. MCP3021 is a successive approximation A/D converter with 10-bit resolution. Available in the SOT-23 package, this device provides one, single-ended input with very low power consumption. Based on an advanced C The Microchip Technology Inc. MCP3021 is a successive approximation A/D converter with 10-bit resolution. Available in the SOT-23 ... Low Power 10-Bit A/D Converter With I2C⑩ Interface
|
MICROCHIP[Microchip Technology]
|
MAX1248-MAX1249 MAX125ACAX MAX125AEAX MAX125BCAX M |
2x4-Channel / Simultaneous-Sampling 14-Bit DAS 2.7V to 5.25V, Low-Power, 4-Channel, Serial, 10-Bit ADCs in QSOP-16 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 2x4-Channel, Simultaneous-Sampling 14-Bit DAS SPECIALTY ANALOG CIRCUIT, PDSO36 2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 2x4-Channel, Simultaneous-Sampling 14-Bit DAS 2x4通道,同时采4位DAS
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX191BC/D MAX190BC/D MAX190AMRG MAX190BMRG MAX191 |
75ksps, 5V, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP24 16-Bit Registered Transceivers With 3-State Outputs 56-SSOP -40 to 85 Low-Power / 12-Bit Sampling ADCs with Internal Reference and Power-Down Low-Power / 12-Bit Sampling ADC with Internal Reference and Power-Down
|
ADC Maxim Integrated Products, Inc.
|
AD7672TE10 AD7672LN05 AD7672LN10 AD7672UQ05 AD7672 |
Reed Relay; Contacts:SPST; Contact Carry Current:1A; Coil Voltage DC Max:24V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CQCC28 LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD7911AUJZ-R2 AD7921AUJZ-R2 AD7921AUJZ-REEL7 AD792 |
2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
|
ANALOG DEVICES INC
|
MAX1167-MAX1168 MAX1167BEEE MAX1167CCEE MAX1167CEE |
Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters 8-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO24
|
Maxim Integrated Products, Inc. ADC
|
|